Part Number Hot Search : 
N54LS GBU13508 MMBD444 SM250 600ETTT 331M16 SC458 10600
Product Description
Full Text Search
 

To Download DHT0A10434302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  features 1. rohs compliant 2. body size 2mm x 4mm 3. axial lead glass-sealed 4. -40 ~ +200 operating temperature range 5. agency recognition: ul /cul  recommended applications 1. home appliances (air conditioner, refrigerator, electric fan, electric cooker, washing machine, microwave oven, drinking machine, ctv, radio.) 2. automotive electronics 3. heaters  part number code 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16  structure and dimensions 0.7- 0.9 2max 28 1 4max unit:mm 28 1 0.5 0.02 chip glass cp wire (sn-plated) product type dht thinking ntc thermistor dht type size 0 2 l4max definition of b value a b 25/85 b b 25/50 zero power resistance at 25 (r 25 ) 102 1k 103 10k 473 47k tolerance of r 25 f 1% g 2% h 3% j 5% k 10% b value first two digits 31 32 U 40 41 U 30 31 32 U 40 41 U b value last two digits 0 a 1 b 2 U h 8 j 9 k 00 05 10 15 20 U 75 80 85 90 95 tolerance of b value 2 2% 3 3% optional suffix y rohs compliant appearance s sn-plated cp wire
ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  electrical characteristics zero power resistance at 25c tolerance of r 25 b 25/85 value tolerance of b value max. power dissipation at 25 dissipation factor thermal time constant operating temperature range safety approvals part no. r 25 (k ) ( %) (k) (%) p max (mw) (mw/c) (sec.) t l ~t u (c) ul cul dht0a502 355* 5 25/85 3550 ? ? dht0b103 355* 10 25/50 3550 ? ? dht0a103 34d* 10 25/85 3435 ? ? dht0a103 347* 10 25/85 3470 ? ? dht0a103 39h* 10 25/85 3975 ? ? dht0b203 395* 20 25/50 3950 ? ? dht0b303 395* 30 25/50 3950 ? ? dht0b473 395* 47 25/50 3950 ? ? dht0b503 395* 50 25/50 3950 ? ? dht0b104 400* 100 25/50 4000 ? ? dht0a104 39h* 100 25/85 3975 ? ? dht0a104 430* 100 25/85 4300 ? ? dht0b204 395* 200 25/50 3950 ? ? dht0a204 400* 200 25/85 4000 ? ? dht0b204 435* 200 1 2 3 5 10 25/50 4350 2 3 120 2 R 10 Q -40 +200 ? ? note 1: = tolerance of r 25 note 2: * = tolerance of b value note3: ul/ cul file no e138827  max. power dissipation derating curve 100% 0 25 t u 0% t l ambient temperature ( ) t u maximum operating temperature ( ) t l minimum operating temperature ( ) for example ambient temperature(ta)=55 maximum operating temperature(t u ) 200 p ta =(t u -ta)/(t u -25) pmax @ 83% pmax p ta /p max
ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  r-t characteristic curves 0 0 1 10 100 1,000 10,000 -40 -20 0 20 40 60 80 100 120 140 160 180 200 temperature ( ) resistance(k ) dht0a104_39h_sy dht0b303_395_sy dht0a103_34d_sy dht0a103_39h_sy dht0a502_355_sy
ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 4 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  soldering recommendation  wave soldering profile  recommended reworking conditions with soldering iro n item conditions temperature of soldering iron-tip 360 (max.) soldering time 3 sec (max.) distance from thermistor ? 2 mm (min.) temperature 13020 260 max tamb cooling time soldering preheating 30~90 sec. 1 sec. 10 sec. note 1 note 2 note 3 note 1: (1~3 )/sec note 2: approx. 200 /sec note 3: 5 /sec. (max)
ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 5 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  reliability item standard test conditions / methods specification s tensile strength of terminations iec60068-2-21 gradually applying the force specified and keeping the unit fixed for 101 sec. terminal diameter force (mm) (kg) 0.3 ntc thermistor dht type glass axial type for temperature sensing/compensati on thinking electronic industrial co., ltd. 6 www.thinking.com.tw 2010.06 all specifications are subject to change without no tice  packaging  taping specification type w p |l1-l2| t z s max 53 5.5 1 7 1.2 0.8 w= 52mm min 51 4.5 0 5 0 0  quantity  bulk packing: 500 pcs/bag  reel packing: 5000 pcs/reel ammo packing: 5000 pcs/box  storage conditions of products  storage conditions 1.storage temperature -10 ~+40 2.relative humidity Q 75%rh 3. keep away from corrosive atmosphere and sunlight .  period of storage 1 year l1 l2 w s t t s z p tape tape 832 8 0 2 2 5 5 2 751 311 34010


▲Up To Search▲   

 
Price & Availability of DHT0A10434302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X